Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-03F-54-C2-R0

  • AI
    The **ATS-03F-54-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, or power transistors. --- ### 1. Technical Specifications Below is a breakdown of the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 35.00mm | | **Fin Style** | Fine Pitch (Cross-Cut) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 7.00°C/W (undirected flow) | | **Interface Material** | T766 (Thermal Interface Material pre-applied) | --- ### 2. Key Electronic Features #### A. Thermal Efficiency The "Fine Pitch" design increases the surface area available for heat dissipation. In electronics, keeping the junction temperature low is critical for preventing **thermal throttling** and extending the lifespan of the semiconductor. #### B. Mechanical Attachment (pushPIN™) Unlike adhesive-based heat sinks, this model uses a spring-loaded pin system. * **Constant Pressure:** Ensures consistent contact between the heat sink and the electronic component. * **Reliability:** Resistant to vibration and mechanical shock, making it ideal for industrial or automotive electronics. #### C. Pre-Applied TIM The unit comes with **T766 Thermal Interface Material**. This eliminates the need for manual application of thermal paste, reducing air gaps between the chip and the aluminum base for better heat transfer. --- ### 3. Component Breakdown (Part Number Decoder) Understanding the "ATS-03F-54-C2-R0" nomenclature: * **ATS:** Advanced Thermal Solutions (Manufacturer). * **03:** Heat Sink Series. * **F:** Fine Pitch fin configuration. * **54:** Specific footprint/size code. * **C2:** Material/Finish (Blue Anodized). * **R0:** Revision code. --- ### 4. Applications * **Embedded Systems:** Cooling high-speed processors in confined spaces. * **Telecommunications:** Cooling FPGA and ASIC chips in networking gear. * **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using pushPIN attachments over thermal tape?
    • ⤷ How does the air flow rate (LFM) affect the thermal resistance of this specific heat sink?
    • ⤷ Is this heat sink compatible with standard 35mm BGA components?