Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-04F-60-C2-R0

  • AI
    The **ATS-04F-60-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability and longevity. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions (L x W)** | 40mm x 40mm | | **Height** | 25mm | | **Thermal Resistance** | 6.06°C/W (at 200 LFM) | | **Fin Type** | XC-Cut (Cross-Cut) | --- ### 2. Key Components & Design Features #### A. Fin Style (XC-Cut) The "XC-Cut" refers to a cross-cut straight fin design. This provides several advantages: * **Omnidirectional Airflow:** Unlike straight-fin heatsinks, cross-cut fins allow air to enter and exit from multiple directions, making it ideal for systems where airflow direction is inconsistent. * **Surface Area:** Increasing the "effective" surface area allows for better heat exchange with the surrounding air. #### B. Attachment (Push-Pin) The **ATS-04F** series utilizes a push-pin mechanism with a brass or plastic pin and a compression spring. * **Secure Fit:** The spring ensures constant pressure between the heatsink and the electronic component (IC), which is critical for efficient heat transfer. * **Pre-Drilled Holes:** This requires the PCB to have specific hole patterns (usually 32mm apart for this size). #### C. Thermal Interface Material (TIM) Usually, these parts come with **Phase Change Material (PCM)** or high-performance thermal tape pre-applied to the base. This fills the microscopic air gaps between the component and the aluminum base. --- ### 3. Part Number Decoder (ATS-04F-60-C2-R0) Breaking down the nomenclature helps in understanding the variations: * **ATS:** Advanced Thermal Solutions (Manufacturer). * **04:** Series/Size family. * **F:** Fin density/pattern. * **60:** Specific height or configuration code. * **C2:** Blue Anodized finish. * **R0:** Revision or standard packaging code. --- ### 4. Typical Applications * **Networking Gear:** Routers, switches, and modems. * **Industrial PCs:** Compact motherboards where space is limited. * **Power Supplies:** Cooling voltage regulators and MOSFETs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between XC-cut and straight-fin heatsinks?
    • ⤷ How do I determine if the 40x40mm footprint fits my PCB layout?
    • ⤷ What are the specific thermal resistance values at different airflow (LFM) speeds?