Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-05F-08-C2-R0

  • AI
    The **ATS-05F-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and PCBs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 14.61 °C/W (at 100 LFM) | | **Flow Direction** | Fine-Pitch (Vertical/Omnidirectional) | | **Dimensions** | 45.00mm x 45.00mm x 15.00mm | --- ### 2. Physical Design & Engineering * **Thermal Interface Material (TIM):** This part comes pre-applied with **T766** phase-change material, ensuring optimal heat transfer between the chip and the aluminum base without requiring external thermal paste. * **Fin Profile:** It features a **Fine-Pitch** design. This increases the surface area for heat dissipation, making it ideal for systems with high-density components where airflow may be restricted. * **PushPIN™ Mechanism:** Unlike adhesive-based heat sinks, this uses a mechanical attachment system consisting of a brass or plastic pin and a high-performance compression spring. This ensures constant pressure and prevents the heat sink from shifting during vibration. --- ### 3. Thermal Performance Comparison The effectiveness of this heat sink depends heavily on the airflow (measured in Linear Feet per Minute - LFM): | Airflow Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | **100** | 14.61 | | **300** | 4.12 | | **500** | 2.53 | | **700** | 1.90 | --- ### 4. Typical Applications * **Processors (CPUs/GPUs):** Cooling small-to-midsize integrated circuits. * **ASICs and FPGAs:** Used in telecommunications and data processing hardware. * **Industrial Electronics:** Where high vibration resistance and mechanical stability are required.
    ✨ Follow-up Questions
    • ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate the required LFM for my specific chip wattage?
    • ⤷ Can the pushPIN mechanism be reused if the heat sink is removed?