Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06A-159-C2-R0

  • AI
    The **ATS-06A-159-C2-R0** is a high-performance electronic thermal management component, specifically an aluminum heatsink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for securing the cooling solution directly to a Printed Circuit Board (PCB). --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 2.09°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 10mm | | **Fin Style** | Straight Fin | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### Key Electronic & Mechanical Components #### 1. Heat Dissipator (Body) The main body is made of **extruded aluminum**. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection and slightly increases emissivity for better radiative cooling. #### 2. Attachment Mechanism: Push-Pins Unlike adhesive-based heatsinks, the `-R0` suffix indicates a mechanical attachment: * **Pins:** Two plastic push-pins are used to anchor the heatsink. * **Springs:** Compression springs ensure a consistent "downward force" (pressure) is applied to the electronic component (CPU, GPU, or FPGA), maximizing thermal contact. #### 3. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. * **Purpose:** In electronics, microscopic air gaps between the chip and the heatsink act as insulators. The TIM fills these gaps to ensure efficient heat transfer from the silicon die to the aluminum fins. #### 4. Fin Configuration This model utilizes a **Straight Fin** design. In electronic enclosures, this is optimal for "longitudinal" airflow, where a system fan blows air across the PCB in a single direction. --- ### Applications in Electronics * **Processors:** Cooling of FPGAs, ASICs, and small CPUs. * **Power Electronics:** Dissipating heat from high-speed networking chips or power converters. * **Embedded Systems:** Used in industrial PC builds where vibration resistance (provided by push-pins) is required over simple tape-on heatsinks.
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this heatsink change at higher airflow speeds?
    • ⤷ What is the specific PCB hole size required for the push-pins on the ATS-06A-159-C2-R0?
    • ⤷ What is the difference between the C2 and C1 versions of this heatsink series?