Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06B-63-C2-R0

  • AI
    The **ATS-06B-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-06B-63-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 40mm x 40mm x 20mm | | **Thermal Resistance** | 2.85°C/W (at 100 LFM) | | **Fin Style** | Straight Fin (Cross-cut) | --- ### 2. Key Electronic Features #### A. pushPIN™ Attachment System This part utilizes a specific "pushPIN" mechanism. In electronic assembly, this replaces messy adhesives or permanent solder. It uses a flexible spring-loaded pin that passes through pre-drilled holes in the PCB, ensuring constant pressure between the heat sink and the electronic component for optimal heat transfer. #### B. Thermal Interface Material (TIM) The "C2" in the part number usually indicates that the heat sink comes pre-applied with a **T766 phase change material** or a high-quality thermal grease. This fills microscopic air gaps between the component die and the aluminum base to reduce thermal impedance. #### C. Aerodynamic Design The straight-fin design is optimized for **forced air cooling** (active cooling via fans). The spacing between the fins is engineered to minimize pressure drop while maximizing the surface area exposed to the airflow. --- ### 3. Applications This specific heat sink size (40x40mm) is commonly used in: * **Networking Equipment:** Routers, switches, and high-speed gateways. * **Embedded Systems:** Industrial PCs and Single Board Computers (SBCs). * **Power Supplies:** Cooling MOSFETs and voltage regulators. * **Telecommunications:** Base station signal processors. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can the pushPIN attachment be used on any standard PCB?