Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06B-65-C2-R0

  • AI
    The **ATS-06B-65-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal properties. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 40mm x 40mm x 20mm | | **Fin Style** | Straight Fin (Push-Pin) | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 7.29°C/W (at 100 LFM) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Breakdown of Components #### A. The Heat Sink Body The body is made of **Aluminum 6063**, chosen for its excellent balance of thermal conductivity and weight. The "Blue Anodized" finish is not just aesthetic; it provides a protective oxide layer that increases surface emissivity and prevents corrosion. #### B. The Fin Design This model utilizes a **straight-fin** design. This is optimized for "forced convection" environments—meaning it works best in systems where a fan is actively blowing air through the fins. #### C. The Attachment System (Push-Pins) Unlike "clip-on" or "adhesive" heat sinks, the **R0** suffix indicates a push-pin attachment: * **Spring-loaded:** The push-pins use brass or plastic springs to ensure constant, even pressure across the chip surface. * **Stability:** This mechanical connection is highly reliable in high-vibration environments compared to thermal tape. #### D. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. This is a phase-change material or high-performance grease that fills the microscopic air gaps between the component and the heat sink, significantly lowering thermal resistance. --- ### 3. Thermal Performance Matrix Thermal resistance varies based on air velocity (measured in Linear Feet per Minute - LFM): | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) | | :--- | :--- | :--- | | 100 | 0.5 | 7.29 | | 200 | 1.0 | 4.82 | | 300 | 1.5 | 3.87 | | 400 | 2.0 | 3.34 | --- ### 4. Typical Applications * **Networking Gear:** Switches and routers where internal airflow is consistent. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
    ✨ Follow-up Questions
    • ⤷ How do I calculate if the 7.29°C/W resistance is sufficient for my 10W chip?
    • ⤷ What is the difference between the C2 and C1 versions of this heat sink?
    • ⤷ Are there specific PCB hole patterns required for the push-pin attachment?