Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06D-101-C2-R0

  • AI
    The **ATS-06D-101-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "pushPIN™" series, designed to provide efficient cooling for electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Part Number** | ATS-06D-101-C2-R0 | Manufacturer: Advanced Thermal Solutions Inc. | | **Material** | Aluminum | Lightweight with high thermal conductivity | | **Finish** | Blue Anodized | Increases surface emissivity and provides corrosion resistance | | **Attachment Method** | pushPIN™ | Uses a spring-loaded pin mechanism for secure mounting | | **Thermal Resistance** | 6.69°C/W (at 100 LFM) | Rate at which heat is dissipated from the component | | **Dimensions** | 45mm x 45mm x 30mm | Standard square footprint with a 30mm height | --- ### 2. Design and Components The effectiveness of this part relies on several critical design features: * **Fin Pattern (Straight Fin):** The vertical fins increase the total surface area exposed to the air. This specific model uses a straight-fin design, which is ideal for systems with clear, high-velocity airflow. * **Compression Springs:** The "R0" designation refers to the specific spring force. These ensure even pressure across the surface of the electronic chip, maximizing the effectiveness of the thermal interface material (TIM). * **Push-Pin Attachment:** Instead of messy adhesives or heavy screws, it uses plastic or brass pins that snap into pre-drilled holes on the PCB. --- ### 3. Application in Electronics This component is essential in hardware design to prevent **thermal throttling** or permanent damage. It is typically found in: 1. **Telecommunications Gear:** High-speed routers and switches. 2. **Embedded Systems:** Industrial computers that run 24/7. 3. **Power Supplies:** Cooling voltage regulators that generate significant heat. --- ### 4. Code Representation (Thermal Simulation Mockup) If you were modeling the thermal behavior of this part in a simulation script (Python), it might look like this: ```python class HeatSink: def __init__(self, model, resistance_lfm, dimensions): self.model = model self.thermal_resistance = resistance_lfm # °C/W self.dims = dimensions # mm # Instance for ATS-06D-101-C2-R0 ats_sink = HeatSink( model="ATS-06D-101-C2-R0", resistance_lfm=6.69, dimensions=(45, 45, 30) ) def calculate_temp_rise(power_watts): return power_watts * ats_sink.thermal_resistance print(f"Temp rise at 5W: {calculate_temp_rise(5)}°C") ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I determine if the 45mm footprint will fit my PCB layout?
    • ⤷ What type of Thermal Interface Material (TIM) is recommended for this specific model?