Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06D-142-C2-R0

  • AI
    The **ATS-06D-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **push-pin** attachment series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits. --- ## 1. Technical Specifications Below is a breakdown of the physical and thermal characteristics of this specific part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 30mm x 30mm x 15mm | | **Attachment Type** | Push-Pin (Brass) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 10.07°C/W (at 100 LFM) | | **Flow Orientation** | Vertical Fin (High Efficiency) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ## 2. Component Analysis ### A. Material and Design * **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties. * **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, which slightly improves radiative cooling. * **Straight Fin Geometry:** This design is optimized for environments with a steady flow of air (forced convection), allowing air to pass through the fins and carry heat away from the base. ### B. Mounting Mechanism (Push-Pin) The "C2" in the part number refers to the specific attachment kit. * **Push-Pins:** These facilitate quick and secure attachment to the PCB (Printed Circuit Board) through pre-drilled holes. * **Compression Springs:** These ensure that a precise amount of downward pressure is applied to the heat source, maximizing contact and thermal transfer without damaging the silicon die. ### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied. This is a phase-change material or high-performance thermal pad that fills microscopic air gaps between the heat sink base and the electronic component, significantly reducing thermal resistance at the contact point. --- ## 3. Application Use Cases The ATS-06D-142-C2-R0 is typically found in: 1. **Telecommunications:** Cooling for network switches and routers. 2. **Embedded Systems:** For industrial PCs where space is limited but heat dissipation is critical. 3. **Power Electronics:** Cooling small-to-medium voltage regulators and MOSFET arrays.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Watts) this heat sink can handle at 400 LFM?
    • ⤷ Are there specific PCB hole patterns required for the brass push-pin attachment?
    • ⤷ How does the T766 thermal material compare to standard thermal grease?