Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06D-192-C2-R0

  • AI
    The **ATS-06D-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications Below are the key physical and thermal parameters for this specific part number: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Dimension (L x W)** | 45.00 mm x 45.00 mm | | **Height (Height off Base)** | 30.00 mm | | **Pitch** | Fine-Pitch | | **Thermal Resistance (Flowing)** | 2.35°C/W @ 100 LFM | | **Thermal Resistance (Static)** | 0.79°C/W | --- ### 2. Breakdown of the Part Number The part number follows the standard ATS naming convention: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **06**: Series identifier. * **D**: Thermal Interface Material (TIM) code. * **192**: Specific dimension/fin configuration code. * **C2**: Material/Finish code (Blue Anodized). * **R0**: Revision or packaging indicator. --- ### 3. Key Electronic Features * **pushPIN™ Attachment:** This part utilizes a specialized spring-loaded mechanism that ensures even pressure across the electronic component (IC), improving thermal contact without the need for messy adhesives. * **High-Performance TIM:** Usually comes pre-applied with a high-performance Thermal Interface Material to reduce contact resistance between the chip and the aluminum base. * **Cross-Cut Fin Design:** The "Straight Fin" or cross-cut geometry is optimized for forced air cooling (fan-driven systems), allowing air to move through the fins efficiently from multiple directions. --- ### 4. Application Use Cases This heat sink is typically found in: 1. **Telecommunications Equipment:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Voltage regulators and power supplies that generate significant heat in a small footprint. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of the blue anodized finish on this heat sink?
    • ⤷ How does pushPIN™ attachment compare to thermal adhesive tape?
    • ⤷ Can this heat sink be used for passive cooling without a fan?