Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06D-76-C3-R0

  • AI
    The part number **ATS-06D-76-C3-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series, designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Al6063) | | **Finish** | Blue Anodized | | **Thermal Resistance** | 11.84°C/W (at 200 LFM) | | **Flow Pattern** | Straight Fin | | **Attachment Type** | Push-Pin (Brass) | | **Spring Type** | Compression Spring | | **Thermal Interface Material (TIM)** | T412 (Double-sided thermal tape) | --- ### 2. Physical Dimensions Precision measurements are critical for PCB layout and clearance: * **Width/Length:** 25mm x 25mm * **Height:** 10mm * **Pitch (between pins):** 30mm --- ### 3. Key Electronic/Mechanical Functions ### A. Thermal Management The primary role of this part is to increase the surface area of an electronic component, allowing heat to dissipate more efficiently into the surrounding air. The **Straight Fin** design is optimized for environments with a steady, unidirectional airflow. ### B. Material and Coating * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodizing:** This is not just aesthetic; the anodized layer provides electrical insulation and improves surface emissivity, aiding in heat radiation. ### C. Attachment Mechanism (Push-Pins) Unlike adhesive-only heatsinks, the **R0** designation indicates a push-pin assembly. * **Reliability:** Mechanical pins ensure constant pressure on the chip, which improves the effectiveness of the Thermal Interface Material (TIM). * **Vibration Resistance:** This mounting style is preferred for industrial or automotive applications where vibration might cause adhesive-only heatsinks to fall off. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **06D** | Series code (Push-pin type) | | **76** | Specific fin geometry/height profile | | **C3** | Thermal performance/Material grade | | **R0** | RoHS Compliant / Revision code |
    ✨ Follow-up Questions
    • ⤷What is the difference between straight fin and cross-cut fin designs?
    • ⤷ How do I calculate if 11.84°C/W is sufficient for my component?
    • ⤷ Are there alternative attachment methods besides push-pins for this heatsink size?