Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06D-86-C2-R0

  • AI
    The **ATS-06D-86-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, and power modules. ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Dimensions** | 35.00mm x 35.00mm x 15.00mm | | **Attachment Type** | Push Pin (Plastic) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 2.50 °C/W (at 200 LFM) | | **Fin Type** | Fine Pitch (Straight) | --- ### 2. Key Electronic Features The "ATS-06D-86-C2-R0" is part of the **pushPIN™** Heat Sink Assembly system. Its design focuses on three main electronic cooling requirements: #### A. Thermal Performance (Heat Dissipation) The "C2" in the part number indicates a specific thermal interface material (TIM). This unit usually comes pre-applied with **T766 phase change material**, which minimizes the thermal resistance between the heat source (the silicon chip) and the aluminum fins. #### B. Mounting Mechanism It utilizes a **Push-Pin** system with a compression spring. This is critical for electronics because: * It ensures consistent pressure across the chip surface. * The plastic pins prevent electrical conductivity/shorting near the mounting holes. * It is designed for easy installation on PCBs with pre-drilled holes. #### C. Airflow Optimization The fine-pitch straight fins are optimized for **forced air cooling**. In electronic enclosures where fans are present, the spacing allows for maximum surface area contact with the air while maintaining a low pressure drop. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying the specific electronic fit: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **06**: Fin count/style variation. * **D**: Material/Style category. * **86**: Dimensional code (35mm footprint). * **C2**: Thermal Interface Material (T766) and specific spring tension. * **R0**: RoHS Compliance (Lead-free and environmentally safe for global electronics standards). ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish in heat sinks?
    • ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
    • ⤷ Can this heat sink be used for passive cooling without a fan?