Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-06F-93-C2-R0

  • AI
    The **ATS-06F-93-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-velocity airflow environments. --- ### 1. Key Technical Specifications Below are the electronic and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Product Category** | Passive Cooling / Heat Sink | | **Series** | maxiFLOW™ | | **Material** | Blue Anodized Aluminum | | **Thermal Resistance** | 0.73°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm | | **Fin Style** | Straight (Spread fin) | | **RoHS Status** | Compliant | --- ### 2. Physical Design and Construction The "F" in the part number denotes a specific fin pattern and height. The design focuses on maximizing surface area while minimizing pressure drop. * **MaxiFLOW™ Geometry:** Features a tapered fin design that increases airflow through the heat sink, reducing the "stagnant air" effect often found in standard square fins. * **pushPIN™ Attachment:** This model uses a plastic or brass push-pin mechanism with a high-performance compression spring. This ensures consistent pressure on the electronic component (like a CPU or FPGA) to maximize heat transfer. * **Thermal Interface Material (TIM):** Typically comes pre-applied with **T766**, a high-performance phase-change material or grease, ensuring low contact resistance between the chip and the aluminum. --- ### 3. Electronic Application This part is typically used to cool high-heat-generating integrated circuits (ICs) in the following industries: 1. **Telecommunications:** Used on high-speed switching silicon. 2. **Data Centers:** Cooling for voltage regulator modules (VRMs) or processors. 3. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high. ### 4. Part Number Breakdown Understanding the suffix codes: * **-06:** Specific series/size indicator. * **-93:** Fin height/configuration code. * **-C2:** Indicates the color/finish (Blue Anodized) and the thermal performance grade. * **-R0:** Revision status (Standard Lead-Free/RoHS). ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 0.73\u00b0C/W thermal resistance rating?
    • ⤷ How does the pushPIN\u2122 mounting system compare to adhesive tapes?
    • ⤷ Can this heat sink be used in natural convection environments without fans?