Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07D-11-C1-R0

  • AI
    The **ATS-07D-11-C1-R0** is a specific electronic component primarily categorized as a **High-Performance Heat Sink**. It is part of the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**. --- ### 1. Technical Specifications This part is designed to provide thermal management for electronic components such as CPUs, GPUs, or power transistors. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Attachment Type** | Push Pin | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 18.68°C/W @ (Unducted Flow) | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 10.00mm | --- ### 2. Physical Design & Construction * **Low Profile:** With a height of only 10mm, it is ideal for space-constrained applications (e.g., 1U server racks or small form factor devices). * **Fin Type:** It features a **Straight Fin** pattern. Straight fins are optimized for applications where there is a consistent, directional airflow from a cooling fan. * **Material:** Made from 6063 aluminum, providing high thermal conductivity and lightweight properties. * **Blue Anodized:** The surface treatment increases corrosion resistance and emissivity. --- ### 3. Mounting System (pushPIN™) The "R0" designation usually refers to the specific attachment mechanism. * **Push Pin Mechanism:** This part uses a flexible spring-loaded pin system. * **Benefits:** It ensures uniform pressure across the electronic component (TIM - Thermal Interface Material), which optimizes heat transfer and prevents damage to the silicon die. * **Ease of Assembly:** It allows for quick installation onto pre-drilled PCB holes without the need for complex tools. --- ### 4. Thermal Performance Data Performance varies based on air velocity (Measured in Linear Feet per Minute - LFM): | Air Velocity (LFM) | 200 (1.0 m/s) | 400 (2.0 m/s) | 600 (3.0 m/s) | | :--- | :--- | :--- | :--- | | **Thermal Resistance (°C/W)** | 9.56 | 5.65 | 4.30 | --- ### 5. Part Number Breakdown * **ATS:** Advanced Thermal Solutions * **07:** Series number * **D:** Performance characteristic * **11:** Fin Pitch/Style code * **C1:** Material/Color (Aluminum/Blue Anodized) * **R0:** Packaging or Revision code
    ✨ Follow-up Questions
    • What is the hole pattern required on the PCB for this heat sink?
    • Does this model come with pre-applied thermal interface material (TIM)?
    • What are the alternatives if I need a higher fin height for better cooling?