Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07D-152-C2-R0

  • AI
    The **ATS-07D-152-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Product Type** | Heat Sink (Thermal Management) | | **Thermal Resistance** | 3.32°C/W (at 200 LFM) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Dimensions (L x W x H)** | 35mm x 35mm x 25mm | | **Fin Type** | Straight Fin | --- ### 2. Physical Design Components * **Base Material:** Made of high-grade aluminum, which offers a balance between lightweight design and high thermal conductivity. * **Fin Geometry:** The fins are designed to maximize surface area for heat dissipation. This specific model uses a straight-fin configuration optimized for forced convection (airflow). * **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** phase-change material or a similar high-performance thermal pad to ensure minimal air gaps between the component and the heat sink. --- ### 3. Mounting Mechanism (Push-Pin) The "C2" and "R0" designations often refer to the specific mounting hardware and color: * **Plastic Push-Pins:** These provide a secure, tool-less attachment to the PCB. * **Compression Springs:** Each pin includes a brass or stainless steel spring to apply precise, consistent pressure on the electronic chip, ensuring optimal thermal contact. --- ### 4. Typical Applications This component is commonly found in: * **Embedded Systems:** Industrial PCs and routers. * **Power Supplies:** Cooling voltage regulators or MOSFETs. * **Communication Equipment:** Small form-factor switches and data centers. --- ### 5. Summary Table | Attribute | Detail | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Mounting Hole Pattern** | 40mm (Diagonal/Square varies by model) | | **Flow Orientation** | Vertical or Horizontal (depending on fan placement) |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish on this heat sink?
    • ⤷ How do I calculate if the 3.32°C/W thermal resistance is sufficient for my chip?
    • ⤷ Are there alternative mounting options if my PCB doesn't have push-pin holes?