Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07D-200-C2-R0

  • AI
    The **ATS-07D-200-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or power transistors. ### 1. Technical Specifications The following table summarizes the key physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 10.00mm | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (with Compression Springs) | | **Thermal Resistance** | 9.78 °C/W (at 100 LFM) to 2.98 °C/W (at 700 LFM) | --- ### 2. Design Features * **Straight Fin Geometry:** This model utilizes a straight fin design which is optimized for high-performance air cooling. * **pushPIN™ Attachment:** Instead of messy thermal adhesives or complex brackets, it uses a mechanical push-pin system. This ensures even pressure across the chip surface for better thermal conductivity. * **Compression Springs:** The use of precise springs prevents damage to the delicate silicon die while maintaining a constant clamping force. * **Material Choice:** The 6063 aluminum alloy provides a high thermal conductivity-to-weight ratio, ensuring efficient heat transfer away from the component. --- ### 3. Thermal Performance (Airflow Data) The effectiveness of the heat sink changes based on the speed of the cooling fan (measured in Linear Feet per Minute - LFM): | Airflow Velocity (LFM) | Thermal Resistance (Unducted) | | :--- | :--- | | **100** | 9.78 °C/W | | **300** | 4.42 °C/W | | **500** | 3.42 °C/W | | **700** | 2.98 °C/W | --- ### 4. Part Number Breakdown Understanding the coding system for ATS heat sinks: `ATS - 07 - D - 200 - C2 - R0` * **ATS:** Manufacturer (Advanced Thermal Solutions). * **07:** Specific series/category. * **D:** Pin type/Fin configuration. * **200:** Specific size or height identifier. * **C2:** Blue Anodized finish (C1 is typically Clear). * **R0:** Revision/RoHS compliance status.
    ✨ Follow-up Questions
    • ⤷ What are the mounting hole requirements for the push-pin system of this heat sink?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to clear finishes?
    • ⤷ Which thermal interface materials (TIM) are recommended for use with the ATS-07D-200-C2-R0?