Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07D-53-C2-R0

  • AI
    The **ATS-07D-53-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed specifically for thermal management in electronic components like CPUs, GPUs, and power modules. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Al6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 35mm x 35mm x 30mm | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance (Unducted)** | 2.32 °C/W @ 100 LFM | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | | **Flow Direction** | Straight Fin | --- ### 2. Key Components & Design Features #### A. Fin Geometry (Straight Fin) This model uses a **straight-fin design**, which is ideal for applications where the airflow is predictable and moves in a single direction. The 30mm height provides a large surface area for heat dissipation without creating excessive air resistance. #### B. pushPIN™ Attachment System The "07D" in the part number refers to the attachment style. It utilizes a spring-loaded mechanism that: * Ensures consistent pressure across the component (TIM) for maximum heat transfer. * Is easy to install and remove compared to adhesive tapes. * Provides mechanical stability in high-vibration environments. #### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied. This is a high-performance thermal pad/paste that fills microscopic air gaps between the component and the heat sink base, significantly lowering the contact resistance. --- ### 3. Application Use Cases The ATS-07D-53-C2-R0 is commonly used for: * **Embedded Systems:** Cooling industrial PCs and controllers. * **Networking Gear:** Cooling high-speed switches and routers. * **Power Supplies:** Managing heat in MOSFETs or voltage regulators. --- ### 4. Part Number Breakdown `ATS - 07 D - 53 - C2 - R0` * **ATS:** Advanced Thermal Solutions (Manufacturer). * **07:** Series/Attachment type. * **D:** Pin/Attachment material (usually Plastic/Brass). * **53:** Fin pitch/style configuration. * **C2:** Material finish/Performance level (Blue Anodized). * **R0:** Revision code.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the airflow requirements (LFM) for this heat sink?
    • ⤷ What are the alternatives to pushPIN mounting for this size?
    • ⤷ Can this heat sink be used with a custom fan shroud?