Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07F-14-C2-R0

  • AI
    The **ATS-07F-14-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is not an active electronic chip (like a CPU or IC) but rather a **Passive Thermal Management Component**, specifically a high-performance heat sink. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and material properties. | Feature | Specification | | :--- | :--- | | **Component Type** | Heat Sink | | **Series** | pushPIN™ | | **Attachment Method** | Push-pin (Spring-loaded) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W)** | 50.00 mm x 50.00 mm | | **Height (Height off Base)** | 20.00 mm | | **Fin Pitch** | Fine | | **Fin Style** | XCUT (Cross-cut) | | **Thermal Resistance** | ~9.97°C/W (at 100 LFM) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides the configuration details: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **07**: Series number. * **F**: Performance class. * **14**: Specific dimensions/geometry code. * **C2**: Material/Thermal interface material (usually indicates a specific T766 or similar thermal pad/grease). * **R0**: RoHS compliance and revision status. --- ### 3. Key Electronic Functions While it does not process signals, it is critical for the "Health and Safety" of electronic circuits: 1. **Heat Dissipation:** It increases the surface area of a hot component (like a FPGA, MOSFET, or Processor) to allow air to carry away heat more efficiently. 2. **Thermal Protection:** By maintaining lower junction temperatures, it prevents **Thermal Throttling** and extends the Mean Time Between Failures (MTBF) of the silicon. 3. **Mechanical Stability:** The "Push-pin" design uses a flexible spring mechanism that provides consistent pressure on the chip, ensuring a solid thermal connection without cracking the delicate die. --- ### 4. Typical Applications * **Computing:** Northbridge/Southbridge cooling on motherboards. * **Telecommunications:** High-speed routers and switches. * **Power Electronics:** Cooling for high-current voltage regulators. * **Embedded Systems:** Industrial PC modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the different attachment methods for ATS heat sinks?
    • ⤷ How do I calculate the thermal resistance needed for my specific IC?
    • ⤷ What is the difference between XCUT and straight fin designs?