Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07F-152-C2-R0

  • AI
    The **ATS-07F-152-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to cool electronic components such as CPUs, GPUs, and other high-power ICs. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 35mm x 35mm x 25mm | | **Fin Style** | Straight (High-density) | | **Attachment Method** | Push Pin (with Spring) | | **Thermal Resistance** | 3.32°C/W (at 200 LFM) | | **TIM (Thermal Interface Material)** | T766 (Pre-applied) | --- ### 2. Breakdown of the Model Code The part number can be decoded to understand its specific configuration: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **07**: Series identifier (Push-pin type). * **F**: Fin pitch/density characteristic. * **152**: Specific dimensions and internal footprint code. * **C2**: Finish and Material (typically signifies Blue Anodized Aluminum). * **R0**: RoHS compliance status. --- ### 3. Key Electronic/Mechanical Features #### A. Push Pin Attachment Unlike adhesive tapes that can fail under high heat, the **push pin and brass spring** system provides a constant, reliable pressure. This ensures optimal contact between the heat sink and the electronic component, maximizing heat transfer. #### B. Thermal Interface Material (TIM) The unit comes with **T766 phase-change material** pre-applied to the base. This material fills microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance compared to air. #### C. Aerodynamic Fin Design The straight fins are optimized for **forced air cooling** (active airflow from fans). The spacing is engineered to minimize pressure drop while maximizing the surface area available for heat dissipation. --- ### 4. Typical Applications * **Networking Gear:** Cooling ASICs in switches and routers. * **Power Supplies:** Heat management for MOSFETs or high-speed regulators. * **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (provided by the push-pin mount).
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole mounting distance for the ATS-07F-152-C2-R0?
    • ⤷ How does the T766 TIM compare to standard thermal grease?
    • ⤷ Can this heat sink be used for passive cooling without a fan?