Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07F-46-C3-R0

  • AI
    The **ATS-07F-46-C3-R0** is a specific electronic component categorized as a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, which is designed for easy mounting and efficient thermal management of surface-mount components like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications Below are the primary physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Flow Direction** | XC (Cross-Cut) / High Performance | | **Thermal Resistance** | 11.87 °C/W (Unducted @ 100 LFM) | | **Weight** | 17.18 grams | --- ### 2. Dimensions and Geometry The design uses a square footprint with a low profile to fit into compact electronic assemblies. | Dimension | Measurement (mm) | | :--- | :--- | | **Length (A)** | 30.00 mm | | **Width (B)** | 30.00 mm | | **Height (C)** | 25.00 mm | | **Pitch (E)** | 35.00 mm | | **Pitch (F)** | 35.00 mm | --- ### 3. Key Features * **XC (Cross-Cut) Design:** The fin pattern is designed to provide maximum surface area while allowing air to flow from multiple directions, improving efficiency in systems with inconsistent airflow. * **pushPIN™ Attachment:** Utilizes a brass component and a stainless steel spring. This provides a secure, consistent pressure on the heat source (TIM - Thermal Interface Material) for optimal heat transfer. * **Pre-assembled:** These parts typically come with a pre-applied **Thermal Interface Material (TIM)**, usually a high-performance phase-change material or grease, to ensure immediate installation. * **Blue Anodized Finish:** Provides corrosion resistance and increased emissivity for radiation heat transfer. --- ### 4. Thermal Performance Data Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM): | Velocity (LFM) | Thermal Resistance (Ducted) | Thermal Resistance (Unducted) | | :--- | :--- | :--- | | 100 (0.5 m/s) | 3.91 °C/W | 11.87 °C/W | | 400 (2.0 m/s) | 2.05 °C/W | 3.41 °C/W | | 700 (3.5 m/s) | 1.63 °C/W | 2.11 °C/W | ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using a cross-cut fin design over a straight fin design?
    • ⤷ How do I choose the correct spring tension for a pushPIN heat sink?
    • ⤷ Is the T766 thermal interface material compatible with this specific model?