Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07F-55-C2-R0

  • AI
    The **ATS-07F-55-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" attachment series designed for cooling electronic components like CPUs, GPUs, and high-power chipsets. --- ### 1. Technical Specifications Below are the primary technical parameters of the ATS-07F-55-C2-R0: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W)** | 35mm x 35mm | | **Height** | 10.00mm | | **Attachment Type** | Push-Pin (Plastic) | | **Thermal Resistance** | 23.98°C/W (Natural Convection) | | **Fin Style** | XCUT (Cross-cut) | | **Thermal Interface Material** | T766 (Pre-applied) | --- ### 2. Physical Design and Features * **XCUT Fin Pattern:** The "XCUT" geometry creates a cross-cut fin design. This increases the surface area for heat dissipation and allows for omnidirectional airflow, making it efficient regardless of the direction the cooling fan is blowing. * **Push-Pin Mounting:** It utilizes a plastic push-pin mechanism with a spring. This provides consistent pressure across the component surface, ensuring optimal thermal contact while allowing for easy installation. * **Blue Anodized Finish:** The surface is chemically treated (anodized) to improve corrosion resistance and increase surface emissivity, which slightly improves radiant heat transfer. * **Pre-Applied Thermal Material:** It comes with **T766 thermal phase change material**, eliminating the need for separate thermal paste application. --- ### 3. Thermal Performance Analysis The performance of the heat sink varies based on the airflow (Measured in Linear Feet per Minute - LFM): | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | **200 (1.0 m/s)** | 4.43 | | **400 (2.0 m/s)** | 2.52 | | **600 (3.0 m/s)** | 1.88 | | **800 (4.0 m/s)** | 1.55 | --- ### 4. Part Number Breakdown Understanding the ATS nomenclature: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **07:** Series number. * **F:** Fin style/Pitch. * **55:** Dimension/Shape indicator. * **C2:** Material/Finish (Aluminum Blue Anodized). * **R0:** Revision or Packaging code.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for mounting this push-pin heat sink?
    • ⤷ How does XCUT fin geometry compare to straight fin designs in terms of efficiency?
    • ⤷ Can the T766 thermal material be replaced with standard thermal grease if reused?