ATS-07G-137-C2-R0
AI

The **ATS-07G-137-C2-R0** is a high-performance heat sink manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment family, specifically designed for cooling electronic components such as processors, chipsets, or power modules.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-07G-137-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 18.3°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 18mm x 18mm x 10mm |
---
### 2. Design and Component Breakdown
#### A. The Heat Sink Body (Heatsink)
* **Geometry:** It features a **Straight-Fin** design. This allows for optimal airflow in one direction, making it ideal for systems with directed chassis fans.
* **Material:** Made from high-grade aluminum for a balance between weight and thermal conductivity.
* **Surface Treatment:** The "Blue Anodized" finish isn't just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
#### B. The Attachment Mechanism (Push-Pins)
* **Hardware:** It uses pre-assembled plastic push-pins and compression springs.
* **Function:** These provide a consistent "clamping force" onto the electronic component, ensuring that the interface between the chip and the heat sink remains tight even under vibration.
* **Hole Pattern:** It requires specific pre-drilled holes in the PCB to snap the pins into place.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model usually comes with **ATS-NO-TIM** or a pre-applied thermal pad/grease on the base. This eliminates the need for manual application during assembly.
---
### 3. Application Use Cases
This part is typically found in:
1. **Network Switches:** Cooling small ASICs or controllers.
2. **Embedded Systems:** For industrial PCs where space is limited.
3. **Power Electronics:** Dissipating heat from voltage regulators or small transistors.
---
### 4. Comparison of Airflow Performance
The performance of this part is highly dependent on the "Velocity" of the air provided by system fans:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 18.3 |
| 400 (2.0 m/s) | 13.5 |
| 600 (3.0 m/s) | 11.2 |
- ⤷
What are the PCB hole size requirements for the push-pin attachment?
- ⤷ How does the 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?