Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-07H-35-C2-R0

  • AI
    The **ATS-07H-35-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It belongs to the *pushPIN™* series, designed for cooling electronic components like CPUs, GPUs, or power transistors on PCBs. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Al6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W)** | 35.00 mm x 35.00 mm | | **Height (H)** | 10.00 mm | | **Pitch / Fin Style** | Fine Pitch (Straight) | | **Attachment Type** | pushPIN™ (Spring Loaded) | | **Thermal Resistance** | 12.83°C/W (at 100 LFM) | --- ### 2. Design Breakdown #### A. Attachment Mechanism (pushPIN™) This part utilizes a pre-assembled **push-pin and brass spring** system. - **Purpose:** Ensures consistent pressure (clamping force) on the electronic component for optimal heat transfer. - **Ease of Use:** It features pre-drilled holes for quick installation, replacing the need for messy adhesives or complex clips. #### B. Thermal Interface Material (TIM) The "R0" at the end of the part number indicates the presence of a **T766 phase-change material**. - This is a factory-applied thermal pad on the bottom of the heat sink. - It fills microscopic air gaps between the heat sink and the electronic chip to maximize thermal conductivity. #### C. Fin Geometry The **Fine Pitch** design provides a large surface area relative to its small 35mm footprint. This is crucial for electronic enclosures with limited space but moderate airflow. --- ### 3. Electronic Application Use-Cases The ATS-07H-35-C2-R0 is typically used for: * **Voltage Regulators:** Keeping VRMs cool during high power conversion. * **Embedded Systems:** Cooling small-form-factor processors. * **Network Switches:** Thermal management for ASICs and high-speed controllers. --- ### 4. Part Number Decoding Understanding the nomenclature helps in identifying its features: | Code | Meaning | | :--- | :--- | | **ATS-07** | Series Identifier (Advanced Thermal Solutions) | | **H** | Hole Pattern (Standardized) | | **35** | Width/Length (35mm) | | **C2** | Height and Fin Configuration (10mm Height) | | **R0** | Thermal Interface Material (T766) and Finish (Blue) |
    ✨ Follow-up Questions
    • ⤷ What are the airflow requirements to achieve the 12.83°C/W thermal resistance?
    • ⤷ How does the blue anodized finish affect the electronic performance of the heat sink?
    • ⤷ What are the specific hole-to-hole mounting dimensions for this 35mm heat sink?