Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-08A-159-C1-R0

  • AI
    The **ATS-08A-159-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for efficient cooling of electronic components like CPUs, GPUs, and other high-heat-density integrated circuits. --- ### ## Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Fin Type** | Straight Fin | | **Dimensions (L x W x H)** | 45mm x 45mm x 10mm | | **Thermal Resistance** | 10.66°C/W (Unducted Flow @ 200 LFM) | | **Spring Type** | Brass | --- ### ## Component Breakdown ### 1. The Heat Sink Body * **Material:** Made from high-grade aluminum, which offers a balance of lightweight properties and high thermal conductivity. * **Design:** The "Straight Fin" design is optimized for environments where the airflow is predictable and unidirectional. The 10mm height makes it a "low-profile" solution suitable for slim electronic enclosures. * **Anodization:** The blue anodized coating is not just aesthetic; it provides surface protection against corrosion and increases thermal emissivity. ### 2. Attachment Mechanism (Push-Pin) * **Push-Pins:** This part uses a pre-assembled push-pin system. These are designed to go through pre-drilled holes on the PCB. * **Compression Springs:** Each pin includes a brass spring that provides precise, uniform pressure across the component surface, ensuring maximum thermal contact. * **Ease of Assembly:** No tools are required for installation, making it ideal for high-volume manufacturing. ### 3. Thermal Interface Material (TIM) * **Pre-Applied Film:** The "R0" suffix usually indicates the inclusion of a high-performance **Phase Change Material (PCM)** or a thermal pad on the base of the heat sink. This eliminates the need for manual application of thermal paste. --- ### ## Typical Applications This component is commonly used in: * **Network Switches/Routers:** Cooling high-speed processing chips. * **Embedded Systems:** Industrial PCs where space is limited. * **Power Supplies:** Heat dissipation for voltage regulators or MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole size requirements for the push-pin mounting of this heat sink?
    • ⤷ How does the thermal resistance change at higher airflow rates like 400 LFM?
    • ⤷ Are there alternative attachment methods if the PCB does not have mounting holes?