Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-08D-202-C2-R0

  • AI
    The **ATS-08D-202-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs. --- ## 🛠️ Technical Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | ATS-PPS-08 (Brass) | | **Dimensions (L x W)** | 54.00mm x 54.00mm | | **Height** | 15.00mm | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ## 🔍 Key Electronic Components & Features ### 1. The Heat Sink Body The body is constructed from **Aluminum** for optimal thermal conductivity-to-weight ratio. The fin design is typically a "straight-fin" or "cross-cut" pattern designed to maximize surface area, allowing heat to dissipate from the electronic component into the surrounding air. ### 2. Push-Pin Attachment System Unlike adhesive-based heat sinks, the **ATS-08D-202-C2-R0** uses a mechanical push-pin system. * **Purpose:** Provides consistent pressure across the surface of the chip. * **Benefit:** Ensures reliable contact even under mechanical vibration or thermal expansion/contraction. ### 3. Thermal Interface Material (TIM) This part comes with **T766** pre-applied. * **Function:** Fills the microscopic air gaps between the heat sink base and the electronic component. * **Importance:** Air is a poor conductor of heat; the TIM ensures a low thermal resistance path for efficient cooling. ### 4. Thermal Performance The efficiency of this part is measured by its thermal resistance (expressed in °C/W). * **At 100 LFM (Linear Feet per Minute):** ~14.83 °C/W * **At 700 LFM:** ~4.73 °C/W *Note: Higher airflow significantly increases the cooling capability of this part.* --- ## 📦 Applications * **Embedded Systems:** Cooling processors in industrial computers. * **Telecommunications:** Dissipating heat from high-speed networking chips. * **Power Electronics:** Managing heat for power converters and high-draw voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the ATS-PPS-08 push-pin?
    • ⤷ How does the T766 thermal material compare to standard silicone grease?
    • ⤷ Is there a low-profile version of this heat sink for 1U server racks?