Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-08F-02-C2-R0

  • AI
    The **ATS-08F-02-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* (ATS). This part is designed for cooling electronic components such as CPUs, GPUs, FPGAs, or power modules that generate significant heat during operation. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Base Dimensions** | 40mm x 40mm | | **Height** | 12.7mm | | **Fin Style** | Push-Pin (Straight Fin) | | **Attachment Method** | Push-Pin with Brass Springs | | **Thermal Resistance** | ~18.30°C/W (Unducted Flow @ 200 LFM) | --- ### 2. Key Features * **XC Cut Design:** This heat sink belongs to the "maxiFLOW™" or similar high-efficiency series, featuring a high aspect ratio fin design that maximizes surface area for heat dissipation. * **Push-Pin Attachment:** It uses a standardized push-pin mounting system. This provides a secure fit with a specific pressure (preload) to ensure optimal contact between the heat sink base and the electronic component. * **Blue Anodization:** The surface treatment is not just aesthetic; anodizing increases the surface emissivity, improving heat radiation and protecting the aluminum from corrosion. * **Pre-Applied Thermal Interface Material (TIM):** Most parts in this series come with a pre-applied thermal pad or phase-change material on the base to simplify assembly and ensure low contact resistance. --- ### 3. Application Use Cases The ATS-08F-02-C2-R0 is typically used in environments where airflow is present (active cooling) to move heat away from sensitive electronics: 1. **Telecommunications:** Cooling chips in routers, switches, and base stations. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Cooling high-speed transistors or voltage regulators. --- ### 4. Selection Criteria When integrating this part into a circuit design, engineers consider the **Thermal Resistance ($\theta$)**. * **Formula:** $\Delta T = P \times \theta$ * *Where $\Delta T$ is the temperature rise, $P$ is power dissipation in Watts, and $\theta$ is the thermal resistance.* If your chip dissipates 5W and the thermal resistance is 18°C/W, the chip will run 90°C above the ambient temperature unless airflow is increased.
    ✨ Follow-up Questions
    • ⤷What is the difference between push-pin and adhesive mounting for this heat sink?
    • ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
    • ⤷ Is there a copper version of the ATS-08F-02-C2-R0 for better conductivity?