Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-08F-06-C2-R0

  • AI
    The **ATS-08F-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is part of the *pushPIN™* series, designed for cooling integrated circuits (ICs) and other electronic components. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W)** | 40.00 mm x 40.00 mm | | **Height** | 25.00 mm | | **Pitch** | Fine-Pitch | | **Thermal Resistance (Unducted)** | 6.59 °C/W @ 100 LFM | | **Thermal Resistance (Ducted)** | 1.11 °C/W @ 100 LFM | --- ### 2. Component Design Features The ATS-08F-06-C2-R0 is engineered for maximum efficiency in tight spaces. * **Fine-Pitch Fin Design:** The "F" in the part number indicates a fine-pitch fin pattern. This increases the surface area available for heat dissipation, making it ideal for high-velocity airflow environments. * **pushPIN™ Attachment:** This system replaces traditional adhesive or screw-based mounting. It utilizes a flexible, spring-loaded mechanism that ensures consistent pressure (TIM - Thermal Interface Material compression) across the chip surface. * **Material properties:** The aluminum construction offers a balance between lightweight design and high thermal conductivity. The blue anodized coating prevents corrosion and provides a professional aesthetic. --- ### 3. Thermal Performance Overview Thermal resistance is critical for preventing component failure. Below is the performance based on airflow velocity: | Air Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) | 700 (3.5m/s) | | :--- | :--- | :--- | :--- | :--- | | **Thermal Resistance (°C/W)** | 6.59 | 2.49 | 1.43 | 1.06 | --- ### 4. Part Number Breakdown To understand variations of this part, use this logic: ```text ATS - 08 - F - 06 - C2 - R0 | | | | | | | | | | | +-- Revision Code | | | | +------- Color/Finish (C2 = Blue Anodized) | | | +------------ Height (06 = 25.00mm) | | +----------------- Fin Pitch (F = Fine) | +---------------------- Series/Size (08) +--------------------------- Manufacturer (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ What is the compatible Thermal Interface Material (TIM) for this heatsink?
    • ⤷ How does 'ducted' vs 'unducted' airflow impact the cooling performance?
    • ⤷ What are the dimensions of the mounting holes required for the pushPIN system?