Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-08F-07-C1-R0

  • AI
    The **ATS-08F-07-C1-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits. --- ## 1. Technical Specifications Below are the primary mechanical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) with Brass Springs | | **Fin Type** | straight (Fine pitch) | | **Thermal Resistance** | 16.97 °C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm | | **Pressure Drop** | 0.15 in. $H_2O$ | --- ## 2. Key Electronic Features ### A. Material & Surface Treatment The heat sink is made from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio. The **Blue Anodized** coating is not just for aesthetics; it provides: * **Corrosion Resistance:** Protects the aluminum from oxidation. * **Electrical Insulation:** The anodized layer is non-conductive, reducing the risk of short-circuits if the sink accidentally touches adjacent components. ### B. Thermal Interface Material (TIM) The "R0" at the end of the part number typically indicates the presence of a **Pre-applied Thermal Interface Material**. In this case, it usually features **Chomerics T766**, which ensures efficient heat transfer between the electronic chip and the aluminum base. ### C. Attachment System Instead of using messy adhesives or conductive glues, it uses a **Push-Pin and Spring** mechanism: * **Constant Pressure:** The brass springs ensure the heat sink is pressed against the component with consistent force, optimizing thermal contact. * **Reliability:** Mechanical mounting is more durable than tape in high-vibration environments (e.g., industrial servers). --- ## 3. Usage Context This part is specifically engineered for **forced air environments** (where a fan is present). Because of the high density of the fins, it performs poorly in natural convection but excels in high-airflow server racks or telecom equipment. ```text Application Example: - FPGA Cooling - Network Switch Processors - Industrial Embedded PCs ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific hole-to-hole mounting dimensions for this heat sink?
    • ⤷ How does the thermal resistance change at higher airflows (e.g.
    • ⤷ 500 LFM)?
    • ⤷ Are there alternative attachment methods for this specific fin size?