ATS-08F-151-C1-R0
AI

The **ATS-08F-151-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed for cooling electronic components such as integrated circuits (ICs), microprocessors, and power modules.
---
## 1. Technical Specifications
Below are the key electronic and physical parameters of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Thermal Resistance** | ~4.07°C/W (at 200 LFM) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **TIM (Interface Material)** | Pre-applied T766 Phase Change Material |
| **Fin Style** | Straight Fin |
---
## 2. Key Component Features
### A. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodization:** Not just for aesthetics; the anodized layer provides electrical insulation and improves radiant heat transfer.
### B. Attachment Mechanism (The "Push-Pin")
This part utilizes a **Push-pin and Spring** assembly.
* **Purpose:** Ensures consistent pressure between the heat sink and the electronic chip.
* **Benefit:** This prevents "tilting" of the heat sink, which could lead to air gaps and thermal hotspots on the component.
### C. Thermal Interface Material (TIM)
The "C1" in the part number indicates it comes with **T766 phase change material**.
* This material is solid at room temperature but softens as the electronics heat up, filling microscopic air gaps between the heat sink and the chip to maximize heat conduction.
---
## 3. Electronic Application & Performance
The primary function of this part is to dissipate heat generated by the **Joule heating effect** in semiconductors.
### Thermal Resistance Curve (Typical)
The effectiveness of the ATS-08F-151-C1-R0 depends heavily on the airflow (Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 4.07 |
| 400 (2.0 m/s) | 2.50 |
| 600 (3.0 m/s) | 1.80 |
### Common Use Cases
* **BGA Packages:** High-speed Field Programmable Gate Arrays (FPGAs).
* **Voltage Regulator Modules (VRMs):** Managing heat in power conversion circuits.
* **Network Switches:** Cooling processors in high-density rack environments.
---
## 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **08:** Product Series.
* **F:** Fin configuration/style.
* **151:** Dimensional code (35mm x 35mm base).
* **C1:** Thermal Interface Material (T766 Phase Change).
* **R0:** Revision/Packaging code.
- ⤷
How do I calculate if the 4.07°C/W thermal resistance is sufficient for my specific IC?
- ⤷ What are the PCB hole diameter requirements for the push-pin mounting?
- ⤷ Can this heat sink be used without active airflow (passive cooling)?