Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-08F-33-C2-R0

  • AI
    The **ATS-08F-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ | | **Dimensions** | 35mm x 35mm x 20mm | | **Thermal Resistance** | 17.42 °C/W (Unducted @ 100 LFM) | | **Airflow Pattern** | Vertical (Cross-Cut Fin Design) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Key Design Features #### A. pushPIN™ Attachment System Instead of using messy adhesives or simple clips, this model uses a proprietary **pushPIN™** system. * **Precision:** It utilizes a brass component and a compression spring to ensure even pressure across the electronic chip. * **Reliability:** The hardware ensures the heat sink stays attached during vibration or shipping. #### B. Cross-Cut Fin Design The fins are not just straight lines; they are "cross-cut." This allows for: * **Omnidirectional Airflow:** It can receive cooling air from any direction, making it ideal for crowded PCB layouts. * **Increased Surface Area:** The pattern increases the area available for heat transfer without increasing the overall footprint. #### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. This is a high-quality thermal pad/grease that fills microscopic air gaps between the component and the heat sink, significantly lowering thermal resistance. --- ### 3. Applications This part is commonly found in: * **Telecommunications:** Cooling high-speed networking chips. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs). ---
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this heat sink change at higher airflow speeds?
    • ⤷ What are the specific hole patterns required on a PCB for the pushPIN™ attachment?
    • ⤷ Can the T766 thermal interface material be replaced with a different compound for higher performance?