Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-08G-159-C1-R0

  • AI
    The **ATS-08G-159-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series, designed specifically for cooling electronic components like CPUs, GPUs, and high-power chipsets. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 2.07°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 10mm | | **Fin Style** | XCUT (Cross-cut) | | **Pressure Spring** | Brass / Stainless Steel | --- ### 2. Key Electronic Functions While the heat sink itself is a passive mechanical part, its electronic role is critical for the stability of the PCB assembly: * **Thermal Dissipation:** It increases the surface area of a semiconductor package, allowing air to carry away heat generated by high-speed switching transistors. * **XCUT Fin Design:** The "XCUT" pattern allows for multi-directional airflow. This is vital in dense electronic enclosures where the fan direction might not be perfectly aligned with the heat sink. * **Integrated Interface:** It typically comes with a pre-applied **Thermal Interface Material (TIM)**, ensuring there are no microscopic air gaps between the chip and the aluminum, which would otherwise act as an insulator. --- ### 3. Mechanical & Installation Features The "C1-R0" suffix denotes specific hardware configurations: 1. **Push-Pin Mounting:** Unlike adhesive tapes, the push-pin mechanism provides a consistent downward force (pressure), ensuring optimal contact with the electronic component throughout thermal expansion cycles. 2. **Spring Tension:** The assembly uses a calibrated spring to prevent cracking the delicate silicon die while maintaining enough pressure to minimize thermal resistance. 3. **Standard Footprint:** The 45mm x 45mm size is a standard for many BGA (Ball Grid Array) components used in networking and industrial computing.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the required airflow (LFM) for this heat sink?
    • ⤷ What are the advantages of blue anodizing over natural aluminum finishes?
    • ⤷ Does the ATS-08G-159-C1-R0 support custom spring tensions?