Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-09B-151-C2-R0

  • AI
    The **ATS-09B-151-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm | | **Material** | Aluminum (AL6063) | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 3.93°C/W (at 100 LFM) | | **Finish** | Blue Anodized | | **Fin Type** | Straight Fin | --- ### 2. Key Electronic Features #### A. pushPIN™ Attachment System The part uses a specialized attachment mechanism designed for PCB (Printed Circuit Board) mounting. * **Ease of Assembly:** It eliminates the need for messy adhesives. * **Constant Pressure:** The spring-loaded pins ensure a consistent contact pressure between the heat sink and the electronic component, which is critical for efficient heat transfer. #### B. Thermal Performance (LFM) The efficiency of this heat sink varies based on the Linear Feet per Minute (LFM) of airflow provided by system fans: * **100 LFM:** 3.93°C/W * **300 LFM:** 2.22°C/W * **500 LFM:** 1.84°C/W #### C. Material and Coating * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves heat radiation characteristics. --- ### 3. Application Use Cases This component is typically found in: 1. **Telecommunications Equipment:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is critical. 3. **Power Electronics:** Voltage regulators and power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized heat sinks?
    • ⤷ How do I calculate if 3.93°C/W is sufficient for my specific processor?
    • ⤷ Are there alternative mounting options if my PCB does not have holes for push-pins?