Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-10D-84-C2-R0

  • AI
    The **ATS-10D-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient heat dissipation in compact electronic systems. ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Base Part Number** | ATS-10D-84-C2-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Thermal Resistance** | 6.74°C/W (at 100 LFM) | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Fin Type** | Fine Pitch (Straight) | --- ### 2. Design Features The "electronic" functionality of this part is passive, focused on maintaining the **Safe Operating Area (SOA)** of semiconductors like CPUs, GPUs, or MOSFETs. * **Heat Pipe/Fin Interface:** It utilizes a high-density fin structure to maximize surface area contact with the air. * **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal grease that fills microscopic air gaps between the chip and the heat sink. * **Push-Pin Mounting:** The use of plastic or brass push-pins with a compression spring ensures a consistent, calculated pressure (clamping force) on the electronic component, preventing mechanical damage while optimizing thermal transfer. ### 3. Application Use Cases The ATS-10D-84-C2-R0 is commonly used in high-reliability electronic environments: * **Telecommunications:** Cooling of networking switches and routers. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Dissipating heat from high-speed voltage regulators. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS-10** | Advanced Thermal Solutions Series 10 | | **D** | Thermal Resistance/Performance Category | | **84** | Specific Fin Profile and Geometry | | **C2** | Material/Finish Code (Blue Anodized AL) | | **R0** | Revision/Packaging Code |
    ✨ Follow-up Questions
    • ⤷ What is the maximum thermal resistance for this heat sink at high airflow speeds?
    • ⤷ How does the T766 thermal interface material compare to standard thermal pads?
    • ⤷ Can the pushPIN mounting system be reused if the component is moved?