Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-12A-159-C2-R0

  • AI
    The **ATS-12A-159-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Base Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 2.09°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 20mm | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | ATS-PPS-12 | --- ### 2. Physical Design & Engineering The "C2" in the part number signifies specific materials and thermal interface performance: * **Fin Profile:** It typically utilizes a **Straight Fin** design. This allows for low pressure drop and is optimized for airflow generated by fans (active cooling). * **Material:** Made from **AL6063 aluminum**, which offers high thermal conductivity while remaining lightweight. * **Thermal Interface Material (TIM):** This specific model usually comes pre-applied with **T766**, a high-performance thermal phase-change material that ensures a tight thermal bond between the chip and the heat sink. --- ### 3. Attachment Mechanism: pushPIN™ One of the most critical aspects of this part is the mounting system: * **Push-Pins:** It uses plastic or brass push-pins that click into pre-drilled holes on the PCB. * **Compression Springs:** The "R0" indicates a specific spring tension. The spring ensures constant pressure is applied to the component, preventing the heat sink from shifting and maintaining maximum contact surface. --- ### 4. Application Use-Cases This heat sink is commonly found in: 1. **Telecommunications:** Networking switches and routers. 2. **Embedded Systems:** Industrial motherboards and automation controllers. 3. **Power Electronics:** Cooling MOSFETs or voltage regulators in high-density power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
    • ⤷ How do I calculate if the 2.09°C/W thermal resistance is sufficient for my specific chip?
    • ⤷ Can the push-pins be replaced with screws for high-vibration environments?