Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-13F-15-C2-R0

  • AI
    The **ATS-13F-15-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components using Advanced Thermal Solutions' (ATS) proprietary "push-pin" attachment mechanism. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 25mm | | **Thermal Resistance** | 3.44°C/W @ 200 LFM (Linear Feet per Minute) | | **Attachment Method** | Push-Pin (Brass) | | **Spring Type** | Compression Spring | | **Interface Material** | T766 (Thermal Phase Change Material) | --- ### 2. Component Breakdown The part number can be decoded to understand its structural features: #### A. The Heat Sink (Extrusion) * **Design:** It features a "Cross-Cut" or "Fine-Pitch" fin design. This maximizes surface area, allowing for better heat dissipation in forced-air environments (fan-cooled). * **Material:** Aluminum is used for its high thermal conductivity and lightweight properties. #### B. The Attachment System (Push-Pins) * **Hardware:** It utilizes brass push-pins and steel springs. * **Mechanism:** These pins are pushed through pre-drilled holes in the PCB. The springs apply constant pressure, ensuring the heatsink maintains a tight, uniform contact with the electronic chip. #### C. Thermal Interface Material (TIM) * **Pre-Applied:** The "R0" designation usually indicates it comes with a pre-applied thermal pad or phase-change material (T766). * **Purpose:** This fills microscopic air gaps between the chip surface and the heatsink base to improve heat transfer. --- ### 3. Typical Applications This specific heatsink is commonly found in the following electronic environments: * **Telecommunications:** Cooling high-speed processors in routers and switches. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Supplies:** Managing heat for MOSFETs or voltage regulators. --- ### 4. Installation Example The following pseudo-code logic represents the thermal validation check an engineer might perform before selecting this part: ```python def validate_thermal_safety(chip_power_w, ambient_temp, max_junction_temp): # Thermal Resistance of ATS-13F-15-C2-R0 at standard airflow heatsink_res = 3.44 # °C/W # Calculate estimated junction temperature estimated_temp = ambient_temp + (chip_power_w * heatsink_res) if estimated_temp < max_junction_temp: return "Pass: Heatsink is sufficient" else: return "Fail: Increase airflow or choose larger heatsink" # Example: 10W chip, 40°C ambient, 100°C limit print(validate_thermal_safety(10, 40, 100)) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized finishes for this heatsink?
    • ⤷ Can this push-pin system be used on PCBs of any thickness?
    • ⤷ How does the T766 phase-change material compare to standard thermal grease?