Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-13F-154-C2-R0

  • AI
    The **ATS-13F-154-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs. --- ## 1. Technical Specifications The following table summarizes the key physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-13F-154-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Spring Type** | Compression Spring | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | | **Dimensions** | 40mm x 40mm x 15mm | | **Fin Style** | XCUT (Cross-cut) | --- ## 2. Component Analysis ### A. Thermal Performance The "XCUT" fin design allows for multi-directional airflow. This is critical in dense electronic enclosures where airflow may not be strictly linear. The heat sink's efficiency varies based on the air velocity (measured in Linear Feet per Minute - LFM): * **Low Airflow:** Higher thermal resistance. * **High Airflow:** Significant reduction in °C/W (Celsius per Watt), allowing the chip to run cooler under load. ### B. Mechanical Attachment Unlike adhesive-based heat sinks, the **Push-Pin** system provides: 1. **Constant Pressure:** The compression springs ensure the heat sink remains firmly against the component, maximizing heat transfer. 2. **Reliability:** It is more resistant to shock and vibration compared to "peel-and-stick" thermal tape. 3. **Hole Pattern:** Requires specific pre-drilled holes in the PCB for the brass pins to snap into. ### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied. T766 is a high-performance phase-change material or thermal pad that fills the microscopic air gaps between the heat sink base and the electronic chip, significantly lowering thermal contact resistance. --- ## 3. Ideal Applications This specific model is typically used for: * **Networking Equipment:** Routers and switches. * **Embedded Systems:** Industrial PCs and controllers. * **Power Electronics:** Cooling MOSFETs or power modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact hole-to-hole spacing required for this heat sink on a PCB?
    • ⤷ How does the T766 thermal interface material compare to standard thermal grease?
    • ⤷ What are the specific thermal resistance values (Celsius/Watt) at different airflow speeds for this model?