ATS-13H-06-C2-R0
AI

The **ATS-13H-06-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment series and is designed for cooling integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 2.01 °C/W (@ 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Physical Design and Construction
The ATS-13H-06-C2-R0 utilizes a **Straight Fin** design. This geometry is optimized for forced air cooling environments where airflow is directed linearly across the fins.
* **Heat Sink Base:** Flat aluminum base to ensure maximum contact with the component surface.
* **Fin Pitch:** Engineered to balance surface area with pressure drop, ensuring air can move through the sink effectively.
* **Push-Pin Mechanism:** Features a spring-loaded push-pin assembly. This provides consistent pressure (preload) across the component, which is critical for maintaining a stable thermal bond over time.
---
### 3. Thermal Performance Indicators
Thermal performance is measured by the temperature rise per watt of power dissipated. For the ATS-13H-06-C2-R0, the performance varies based on air velocity (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 2.01 |
| **400 (2.0 m/s)** | 1.18 |
| **600 (3.0 m/s)** | 0.92 |
---
### 4. Component Identification (Part Number Breakdown)
The part number provides specific details about the configuration:
* **ATS:** Manufacturer prefix.
* **13:** Series/Designator.
* **H:** High-performance fin profile.
* **06:** Specific dimension/configuration code.
* **C2:** Blue Anodized finish.
* **R0:** Revision or packaging code.
---
- ⤷
What are the advantages of using push-pins over adhesive tape for heat sinks?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in passive cooling applications without a fan?