Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-13H-06-C3-R0

  • AI
    The **ATS-13H-06-C3-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed specifically for high-performance cooling of semiconductors and integrated circuits. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Heat Sink | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 20.27° C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 25.00mm | | **Fin Style** | Fine Pitch (High Surface Area) | --- ### 2. Key Features and Design The ATS-13H-06-C3-R0 is engineered for modern electronic environments where space is limited but heat dissipation requirements are high. * **maxiFLOW™ Geometry:** The heat sink features a spread fin design that maximizes surface area while maintaining a low pressure drop. This allows it to perform efficiently even in systems with low-speed fans. * **pushPIN™ Attachment:** This model uses the proprietary pushPIN™ system, which includes a pre-assembled brass component and a stainless steel spring. This ensures consistent pressure (TIM - Thermal Interface Material compression) across the chip surface. * **Thermal Interface Material (TIM):** It usually comes with **T412** pre-applied, which is a high-performance thermal tape/pad, ensuring immediate installation readiness. * **Anodized Finish:** The blue anodized coating not only provides a professional look but also offers a layer of protection against corrosion and minor electrical conductivity risks. --- ### 3. Applications This part is typically found in high-performance computing and industrial electronics: * **Networking Hardware:** Switches, routers, and base stations. * **Power Supplies:** Cooling MOSFETs or power regulators. * **Processors:** Cooling FPGAs, ASICs, or specialized CPUs where standard fans cannot fit. --- ### 4. Decoding the Part Number The part number follows a standard ATS naming convention: * **ATS:** Advanced Thermal Solutions (Manufacturer). * **13H:** Series designation. * **06:** Specific dimensional/fin configuration. * **C3:** Material/Finish code (Blue Anodized). * **R0:** Revision or packaging code.
    ✨ Follow-up Questions
    • What is the significance of the pushPIN™ attachment system compared to traditional adhesive mounting?
    • How does the 'LFM' (Linear Feet per Minute) airflow affect the thermal resistance of this heat sink?
    • Are there alternative finish options for the maxiFLOW series besides Blue Anodized?