ATS-13H-07-C1-R0
AI

The part number **ATS-13H-07-C1-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number itself is an alphanumeric code that describes the physical and thermal properties of the device.
| Property | Value / Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 16.97°C/W (Unducted) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
---
### 2. Breakdown of the Part Number
The nomenclature can be dissected to understand the exact configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13H**: Part of the standard product family.
* **07**: Specific size/height profile code.
* **C1**: Material and Thermal Interface Material (TIM) type (typically indicates Aluminum with a pre-applied thermal pad).
* **R0**: RoHS compliance and revision status.
---
### 3. Key Electronic Functions
While a heatsink is a passive mechanical part, its role in an electronic circuit is critical for **Thermal Management**:
1. **Heat Dissipation**: It increases the surface area of the heat-generating component, allowing air to carry heat away more efficiently.
2. **Thermal Interface**: The "C1" designation usually implies the presence of a **Thermal Interface Material (TIM)** on the base. This fills microscopic air gaps between the chip and the heatsink to lower thermal resistance.
3. **Mechanical Attachment**: The **Push-Pin** system uses a spring-loaded mechanism. This ensures constant pressure (clamping force) on the electronic component, which is vital for maintaining thermal contact over the product's lifespan.
---
### 4. Application Environments
This specific heatsink is commonly used in:
* **Networking Hardware**: Switches and routers.
* **Embedded Systems**: Industrial PCs and controllers.
* **Power Supplies**: Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the benefits of push-pin mounting over adhesive tapes for heatsinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the recommended airflow (LFM) for this specific thermal resistance?