ATS-15F-79-C2-R0
AI

## Technical Overview: ATS-15F-79-C2-R0
The **ATS-15F-79-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *pushPIN™* series manufactured by **Advanced Thermal Solutions (ATS)**.
### 1. General Specifications
This part is designed for surface-mount components, providing targeted cooling for processors, FPGAs, or other integrated circuits.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-15F-79-C2-R0 |
| **Attachment Type** | pushPIN™ (Brass Spring-Loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 26.32 °C/W (Unducted @ 100 LFM) |
---
### 2. Physical Dimensions
Precision in dimensions is critical for PCB layout and clearance from adjacent components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 25.00 mm |
| **Width (B)** | 25.00 mm |
| **Height (C)** | 10.00 mm |
| **Hole Spacing (E)** | 30.00 mm |
| **Hole Spacing (F)** | 30.00 mm |
---
### 3. Electronic & Thermal Performance
The efficiency of this heat sink depends on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- | :--- |
| 100 | 0.5 | 26.32 °C/W | 5.73 °C/W |
| 300 | 1.5 | 10.75 °C/W | 3.20 °C/W |
| 500 | 2.5 | 7.53 °C/W | 2.54 °C/W |
---
### 4. Key Electronic Features
* **Push-Pin Mounting:** Uses a flexible attachment system that provides a secure fit while allowing for thermal expansion and vibration resistance.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** (a high-performance thermal grease) to ensure maximum heat transfer between the chip and the aluminum fins.
* **Fine Pitch Fin Design:** The "C2" variant features a specific fin density designed to balance pressure drop and cooling efficiency in restricted spaces.
* **Material Grade:** Made from AL6063 aluminum, which is the industry standard for high thermal conductivity in electronic applications.
---
### 5. Application Example
```python
# Pseudo-calculation for Component Safety
def check_thermal_safety(pwr_dissipation_watts, ambient_temp):
thermal_resistance = 7.53 # @ 500 LFM
junction_temp = ambient_temp + (pwr_dissipation_watts * thermal_resistance)
if junction_temp < 85: # standard safety threshold
return "Safe Operating Temperature"
else:
return "Requires Increased Airflow"
# Example: 5W chip at 40°C ambient
print(check_thermal_safety(5, 40))
```
- ⤷
What are the differences between the C1
- ⤷ C2
- ⤷ and C3 variants of this heat sink?
- ⤷ How do I calculate the required airflow for this specific part number?
- ⤷ Can this heat sink be used with adhesive tape instead of push-pins?