Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-16F-06-C2-R0

  • AI
    The **ATS-16F-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by Advanced Thermal Solutions (ATS). ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-16F-06-C2-R0 | | **Type** | Board Level Heatsink | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 40mm x 40mm x 25mm | | **Thermal Resistance** | 16.30°C/W (Natural Convection) | --- ### Key Electronic Components & Features #### 1. The Fin Design (Fin-Pitch) This model belongs to the **pushPIN™** series. It features a specific fin geometry designed to maximize surface area while minimizing airflow resistance. The high-performance "Fine-Pitch" design is optimized for both natural convection and forced air (fan-driven) environments. #### 2. Attachment Mechanism: pushPIN™ Unlike adhesive tapes or simple clips, this part uses a **pushPIN™** system: * **Springs:** Provide precise pressure (Force) to ensure maximum thermal contact between the heatsink base and the electronic component (CPU/GPU/FPGA). * **Plastic/Brass Pins:** Secure the unit firmly to the PCB through pre-drilled holes. #### 3. Material and Coating * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodizing:** This is not just for aesthetics; the anodized finish increases emissivity and provides a protective layer against corrosion and electrical conductivity on the surface. #### 4. Thermal Interface Material (TIM) The "R0" suffix usually indicates that the heatsink comes with **pre-applied Thermal Interface Material**. This ensures there are no microscopic air gaps between the heat source and the heatsink, which is critical for efficient heat transfer. --- ### Application Usage This part is commonly found in the following electronic systems: * **Telecommunications:** Cooling high-speed processors in routers and switches. * **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is high. * **Power Electronics:** Cooling MOSFETs or power regulators that generate significant heat during operation.
    ✨ Follow-up Questions
    • ⤷What is the difference between blue anodized and black anodized heatsinks?
    • ⤷ How do I calculate the correct pushPIN size for my PCB thickness?
    • ⤷ What is the specific thermal conductivity of Aluminum 6063 used in these parts?