Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-18A-178-C2-R0

  • AI
    ## Analysis of ATS-18A-178-C2-R0 The **ATS-18A-178-C2-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It is specifically engineered for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs. --- ### 1. Component Specifications Below is the technical breakdown of the part based on its manufacturer datasheet: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 4.82°C/W (Unducted Flow @ 200 LFM) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm | | **Fin Pattern** | Straight Fin | --- ### 2. Electronic/Physical Characteristics #### A. Thermal Performance The primary "electronic" function of this part is **heat dissipation**. It manages the junction temperature of a semiconductor to prevent thermal throttling or hardware failure. * **Thermal Resistance (Natural/Low Airflow):** 4.82°C/W at 1.0 m/s. * **Thermal Resistance (High Airflow):** 1.73°C/W at 3.5 m/s. * **Result:** Effective at maintaining stable operating temperatures even under heavy computational loads. #### B. The "pushPIN™" Mounting System Unlike adhesive-based heat sinks, the **-R0** suffix indicates a specific mounting kit: * **Springs:** Pre-assembled with a compression spring to ensure consistent pressure (TIM - Thermal Interface Material interface). * **Hole Pattern:** Designed for specific PCB layouts to ensure the sink does not shift during vibration or shipping. #### C. Thermal Interface Material (TIM) * The part usually comes pre-applied with **ATS-T766**, a high-performance thermal phase-change material or grease, ensuring minimal air gaps between the component and the aluminum surface. --- ### 3. Applications This specific heat sink is commonly used in the following electronic environments: 1. **Telecommunications:** Networking switches and routers. 2. **Embedded Systems:** Industrial PC boards. 3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators. --- ### 4. Part Number Decoder | Code | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Brand) | | **18A** | Series / Profile Identifier | | **178** | Specific Fin Geometry and Pitch | | **C2** | Thermal Performance Level / Material Grade | | **R0** | RoHS Compliant / Packaging Revision |
    ✨ Follow-up Questions
    • ⤷ What are the exact PCB hole dimensions required for the push-pin mounting?
    • ⤷ How does the thermal resistance change if the airflow is ducted versus unducted?
    • ⤷ Are there alternative mounting options for this heat sink
    • ⤷ such as thermal tape?