Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-18A-23-C2-R0

  • AI
    ## Electronic Overview: ATS-18A-23-C2-R0 The **ATS-18A-23-C2-R0** is a high-performance **heat sink** assembly manufactured by Advanced Thermal Solutions (ATS). While it does not contain active silicon components (like transistors), it is a critical "passive" electronic part used for thermal management in high-power applications. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part number: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 12.00°C/W (Unducted Flow @ 100 LFM) | | **Dimensions (L x W)** | 60.00 mm x 60.00 mm | | **Height** | 15.00 mm | | **Fin Type** | Straight Fin | --- ### 2. Core Components & Construction The part is comprised of three main sub-components that work together to protect electronic circuits from overheating: #### A. The Heat Sink Body * **Material:** Extruded aluminum, which offers high thermal conductivity while remaining lightweight. * **Finish:** Blue Anodized. This protects against corrosion and increases emissivity for better radiant heat transfer. * **Fin Geometry:** A straight-fin design optimized for airflow to carry heat away from the component (CPU, GPU, or Power MOSFET). #### B. The Push-Pin Fasteners * These are the mechanical parts that secure the sink to the PCB. * They provide **consistent pressure**, ensuring the base of the heat sink stays in flush contact with the electronic chip. #### C. Thermal Interface Material (TIM) * This model typically comes with a pre-applied **Phase Change Material** or thermal pad on the bottom surface. * **Function:** It fills microscopic air gaps between the chip and the heat sink to maximize heat transfer efficiency. --- ### 3. Application Use Cases This part is commonly found in the following electronic environments: 1. **Telecommunications:** Cooling for high-speed routers and switches. 2. **Embedded Computing:** Thermal management for industrial Single Board Computers (SBCs). 3. **Power Electronics:** Dissipating heat from large voltage regulators or motor drivers. --- ### 4. Part Number Breakdown ```text ATS - 18 A - 23 - C2 - R0 | | | | | | | | | +-- Revision / Packaging Code | | | +------- Thermal Interface Material / Color (Blue Anodized) | | +------------ Height (15mm) | +----------------- Fin Pitch/Style +----------------------- Manufacturer (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between ducted and unducted thermal resistance for this part?
    • ⤷ How does the push-pin attachment compare to adhesive mounting?
    • ⤷ Are there specific PCB hole patterns required for the ATS-18A-23-C2-R0?