Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-18A-83-C2-R0

  • AI
    The **ATS-18A-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, and other high-power ICs. --- ### 1. Technical Specifications Below is a breakdown of the key physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 30.00mm x 30.00mm x 20.00mm | | **Thermal Resistance** | 16.03 °C/W (at 100 LFM) | | **Fin Pattern** | Cross-Cut | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Interface (TIM)** | T766 (Applied) | --- ### 2. Component Analysis The part number can be decoded to understand its specific electronic application: #### A. Fin Design: Cross-Cut The "83" in the part number refers to the specific fin design. A **cross-cut** pattern allows for air to flow from multiple directions (omni-directional), which is critical in dense electronic enclosures where airflow might be turbulent or restricted. #### B. Attachment: pushPIN™ Instead of using messy adhesives or weak thermal tape, this part uses a mechanical **pushPIN™** system. This ensures: - **Consistent Pressure:** Improves the contact between the heat sink and the chip. - **Reliability:** Prevents the heat sink from shifting during vibration or shipping. - **Repairability:** Can be easily removed and reinstalled. #### C. Thermal Interface Material (T766) The unit comes pre-applied with **T766 thermal grease**. This is the layer that fills microscopic air gaps between the component and the metal, ensuring efficient heat transfer. --- ### 3. Electronic Application Use-Case The ATS-18A-83-C2-R0 is typically used in the following electronic environments: 1. **Networking Hardware:** Cooling ASICs in routers and switches. 2. **Embedded Systems:** High-speed processors in industrial controllers. 3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'LFM' in measuring this heat sink's performance?
    • ⤷ How does 'Blue Anodized' finish affect the component's durability?
    • ⤷ Can this heat sink be used with different attachment springs?