Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-18D-75-C3-R0

  • AI
    The **ATS-18D-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The part number itself contains specific technical details regarding its dimensions and thermal properties: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions** | 25mm x 25mm x 30mm | | **Thermal Resistance** | 1.57°C/W (at 200 LFM) | | **Fin Style** | Straight Fin | | **Color/Finish** | Blue Anodized | --- ### 2. Physical Design Components This part is more than just a block of metal; it consists of an integrated assembly: * **Heat Sink Body:** A square profile with vertical fins. The high-aspect-ratio fins maximize surface area for air contact. * **pushPIN™ System:** This part uses a specialized mechanical attachment. Unlike adhesive tapes, the pushPIN system provides consistent pressure between the heat sink and the component, which is vital for thermal transfer. * **Compression Spring:** A brass or steel spring provides the precise force required to maintain contact without damaging the delicate silicon die. * **Thermal Interface Material (TIM):** The "R0" suffix often indicates a pre-applied high-performance thermal pad or grease, ensuring no air gaps exist between the chip and the aluminum base. --- ### 3. Electronic Performance Impact While the heat sink itself is passive (it has no wires), its presence significantly affects electronic circuit behavior: 1. **Thermal Resistance ($R_{\theta}$):** It reduces the junction-to-ambient thermal resistance, allowing the electronic component to operate at higher wattages without exceeding its maximum rated junction temperature ($T_j$). 2. **Reliability:** For every 10°C reduction in temperature, the lifespan of an integrated circuit typically doubles (Arrhenius Equation). 3. **Signal Integrity:** By keeping components cool, it prevents variations in resistance and capacitance that occur when semiconductors overheat, maintaining more stable electronic signals. --- ### 4. Application Context The **ATS-18D-75-C3-R0** is commonly found in: * **Embedded Systems:** Industrial PCs where space is limited but vertical height (30mm) is available. * **Telecommunications:** Cooling ASICs in networking switches or routers. * **Power Supplies:** Cooling high-speed switching regulators.
    ✨ Follow-up Questions
    • ⤷ How does the pushPIN mounting system compare to adhesive thermal tape?
    • ⤷ What is the significance of the 'Blue Anodized' finish on electronic heat sinks?
    • ⤷ How do I calculate if the 1.57°C/W thermal resistance is sufficient for my specific chip?