Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-61290D-C1-R0_17

  • AI
    ### ATS-61290D-C1-R0 Technical Overview The **ATS-61290D-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically to manage the thermal profiles of electronic components such as processors, FPGAs, and ASICs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Dimensions (L x W x H)** | 17mm x 17mm x 29mm | | **Attachment Method** | maxiGRIP™ (Steady pressure mounting) | | **Material** | Aluminum (Anodized) | | **Thermal Resistance** | Variable based on airflow (LFM) | --- ### 2. Design and Engineering Features The "17" in the suffix usually refers to the base dimension (17mm). This part is engineered with the following electronic cooling principles: * **maxiFLOW™ Fin Geometry:** The fins are designed with a tapered, high-aspect-ratio pattern. This increases surface area while reducing pressure drop, allowing for more efficient heat dissipation in constrained airflow environments. * **maxiGRIP™ Attachment:** This is a key mechanical feature for electronic parts. It uses a plastic "frame clip" and a stainless steel "spring clip." * **Benefit:** It applies steady, even pressure to the component without requiring holes in the PCB. * **Safety:** It avoids damaging delicate solder balls on BGA (Ball Grid Array) packages. * **Interface Material (TIM):** Typically, these units come with a pre-applied Thermal Interface Material (like Chomerics T766) to ensure a low-resistance thermal path between the chip and the aluminum. --- ### 3. Application in Electronics This heat sink is intended for small-form-factor electronic assemblies where vertical space (29mm height) is available but the footprint is tight (17mm). * **Target Components:** High-speed networking chips, automotive ECU processors, and small industrial controllers. * **Performance:** It is designed to handle "hot spots" in dense PCB layouts by utilizing ambient airflow from system fans. ---
    ✨ Follow-up Questions
    • What is the thermal resistance (C/W) of this heat sink at 200 LFM?
    • Can the maxiGRIP attachment system be reused if the chip needs replacement?
    • Does this specific model come with a pre-applied thermal pad?