Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P1-07-C2-R0

  • AI
    The **ATS-P1-07-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or high-power ASICs. --- ### 1. Technical Specifications The following table summarizes the physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Brass pins with plastic feet) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm | | **Thermal Resistance** | 17.03°C/W (Unducted Flow @ 200 LFM) | | **Thermal Interface Material** | T766 (Pre-applied) | --- ### 2. Key Electronic Components & Features The design of the ATS-P1-07-C2-R0 includes several critical engineering elements: #### A. Fin Geometry (maxiFLOW™) The heat sink features a **flared fin structure**. In electronics, this design is used to increase the surface area available for heat dissipation while maintaining a low pressure drop. It is optimized for "spread" airflow, making it more efficient than standard straight-fin heat sinks. #### B. pushPIN™ Attachment System Instead of using messy adhesives or simple clips, this part uses a precision **pushPIN™** system. * **Components:** A brass pin and a stainless steel spring. * **Function:** It provides a specific, consistent pressure (clamping force) on the electronic chip, ensuring the thermal interface material (TIM) performs at its peak efficiency. #### C. Thermal Interface Material (T766) The part comes with **T766** pre-applied to the base. * **Role:** This is a phase-change material or high-performance grease that fills microscopic air gaps between the electronic component (the heat source) and the aluminum heat sink base to maximize heat transfer. --- ### 3. Application Use Cases This component is typically found in the following electronic environments: * **Telecommunications:** Cooling high-speed networking chips. * **Industrial PC (IPC):** Providing thermal stability for processors in enclosed spaces. * **Power Supplies:** Dissipating heat from MOSFETs or power regulators.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of flared fins over straight fins in thermal management?
    • ⤷ How do I calculate the correct pushPIN force for a specific PCB thickness?
    • ⤷ Can the T766 thermal interface material be replaced with liquid metal?