Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P1-157-C2-R0

  • AI
    The **ATS-P1-157-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling high-power electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The part number encodes specific data regarding its physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (High thermal conductivity) | | **Finish** | Blue Anodized (Corrosion resistance/Thermal radiation) | | **Dimensions** | 40mm x 40mm x 10mm | | **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) | | **Thermal Resistance** | ~3.35°C/W (at 200 LFM) | | **Thermal Interface** | T766 Phase Change Material (Pre-applied) | --- ### 2. Key Electronic Functions While the heat sink itself is passive (no electricity flows through it), it is critical for the survival of the electronic circuit: * **Thermal Dissipation:** It increases the surface area of the semiconductor package. This allows heat generated by the junction of the transistor to move into the ambient air, preventing **thermal runaway**. * **Performance Stability:** Many modern processors use "thermal throttling." By keeping the temperature low, this heat sink allows the electronics to maintain higher clock speeds for longer durations. * **Mechanical Protection:** The pushPIN™ mounting system provides consistent pressure across the chip surface, ensuring optimal contact without damaging the delicate silicon die. --- ### 3. Components of the Assembly The "C2-R0" designation refers to the specific hardware kit included: 1. **Heat Sink Body:** Features a "spread fin" design to maximize airflow intake. 2. **Springs:** Provides a specific load to ensure the heat sink does not shift during vibration or shipping. 3. **TIM (Thermal Interface Material):** A pre-applied layer of **T766** which fills microscopic air gaps between the chip and the metal, significantly reducing thermal resistance. --- ### 4. Comparison to Standard Heat Sinks ```python # Conceptual Thermal Performance Comparison # Standard Extrusion vs. ATS-P1-157-C2-R0 (maxiFLOW) performance_metrics = { "standard_heatsink": { "airflow_efficiency": "Low", "surface_area": "Linear", "attachment": "Adhesive Tape" }, "ATS-P1-157-C2-R0": { "airflow_efficiency": "High (maxiFLOW geometry)", "surface_area": "Maximum (Spread Fin)", "attachment": "Precision pushPIN" } } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting hole requirements for the pushPIN system?
    • ⤷ Is this heat sink compatible with standard 40mm cooling fans?
    • ⤷ How does the T766 phase change material compare to standard thermal grease?