Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P1-54-C2-R0

  • AI
    ### Technical Overview: ATS-P1-54-C2-R0 The **ATS-P1-54-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for cooling electronic components such as processors, chipsets, or power modules. --- ### 1. Key Technical Specifications The following table summarizes the physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Fin Type** | Straight Fin | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 35mm x 35mm x 35mm | | **Mounting Style** | pushPIN™ | | **Thermal Resistance** | 7.00 °C/W (at 1.0 m/s airflow) | | **Weight** | ~52 grams | --- ### 2. Component Features * **Thermal Management:** The high aspect ratio of the fins provides a larger surface area for heat dissipation, making it suitable for high-density electronic assemblies. * **Attachment Mechanism:** It utilizes a **pushPIN™** system which includes a spring-loaded pin to provide consistent pressure and secure attachment to the Printed Circuit Board (PCB). * **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** thermal interface material, ensuring optimal heat transfer from the electronic component to the heat sink base. * **Acoustic/Flow Efficiency:** The straight fin design is optimized for environments where there is a consistent directional airflow. --- ### 3. Application Use Cases 1. **Industrial Computing:** Cooling for embedded processors or FPGAs. 2. **Networking:** Heat dissipation for high-speed switches or routers. 3. **Power Electronics:** Thermal management for VRMs (Voltage Regulator Modules) or power MOSFETs. --- ### 4. Part Number Breakdown The part number identifies specific configurations: * **ATS:** Advanced Thermal Solutions (Manufacturer) * **P1:** pushPIN™ Series * **54:** Specific design/series identifier * **C2:** Blue Anodized Finish * **R0:** Revision/Packaging code
    ✨ Follow-up Questions
    • ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate the required airflow for this specific thermal resistance?
    • ⤷ Are there alternative mounting options if pushPIN is not compatible with my PCB?