Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-129-C2-R0

  • AI
    The **ATS-P2-129-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, FPGAs, and power modules. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 8.68°C/W (Unducted Flow @ 100 LFM) | | **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 10.00mm | | **Fin Pattern** | XC-Cut (Cross-cut) | --- ### 2. Key Design Components #### A. The XC-Cut Fin Design The "XC-Cut" refers to the straight-fin design that has been cross-cut into a grid. - **Benefit:** This allows for "omni-directional" airflow. It doesn't matter which way the fan is blowing; air can enter and exit the fins from multiple angles, maximizing turbulence and heat transfer. #### B. pushPIN™ Attachment System This part uses a specific mounting mechanism rather than thermal adhesive: - **Spring-Loaded:** It uses a brass or plastic pin with a compressed spring. - **Secure Fit:** This ensures consistent pressure (clamping force) between the heat sink and the electronic component, which is critical for efficient heat transfer. - **Reliability:** Unlike tape, it won't degrade over time due to heat. #### C. Material and Coating - **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio. - **Blue Anodized Finish:** Besides aesthetics, the anodization provides a layer of electrical insulation and increases the surface emissivity, slightly improving radiation cooling. --- ### 3. Electronic Application Use-Cases This heat sink is typically used in the following scenarios: 1. **Telecommunications:** Cooling high-speed networking chips. 2. **Industrial PC:** Managing heat in fanless or low-airflow environments. 3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ducted and unducted thermal resistance for this part?
    • ⤷ Does this model come with a pre-applied thermal interface material (TIM)?
    • ⤷ How do I calculate if the 10mm height is sufficient for my enclosure?