Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-134-C2-R0

  • AI
    The **ATS-P2-134-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed to provide high-efficiency cooling for electronic components like BGAs (Ball Grid Arrays) and CPUs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal characteristics of the part: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Material** | Aluminum | Lightweight with high thermal conductivity | | **Finish** | Blue Anodized | Increases surface emissivity and corrosion resistance | | **Dimensions** | 70mm x 70mm x 15mm | Large surface area, low profile height | | **Thermal Resistance** | 4.44°C/W (Unducted) | Efficiency at 200 LFM airflow | | **Attachment Type** | pushPIN™ | Spring-loaded brass pins for secure mounting | | **Interface Material** | T766 | Pre-applied high-performance Thermal Interface Material (TIM) | --- ### 2. Key Electronic Functions While the heat sink itself does not carry an electrical current, it is critical to the operation of the electronic system: * **Thermal Dissipation:** Its primary role is to transfer heat generated by a semiconductor (the "junction") into the surrounding air. * **Performance Maintenance:** By keeping the processor or IC within its safe operating temperature range, it prevents **Thermal Throttling**, where a chip slows its clock speed to cool down. * **Component Longevity:** Heat is the primary enemy of electronic reliability. This part prevents permanent damage to silicon structures caused by overheating. --- ### 3. Design Features * **maxiFLOW™ Fin Geometry:** The fins are tapered and spread out to increase surface area while minimizing pressure drop. This allows air to flow through the fins more easily, even at lower fan speeds. * **pushPIN™ Mounting:** This system ensures even pressure across the surface of the chip, which is vital for the thermal grease (TIM) to work effectively. It uses a stainless steel or plastic pin with a compression spring. * **Pre-applied TIM:** The "R0" designation usually implies a specific revision that includes a high-performance thermal pad or grease already applied to the base, ensuring a "plug-and-play" installation. --- ### 4. Typical Applications The ATS-P2-134-C2-R0 is commonly found in: 1. **Network Switches/Routers:** Cooling high-speed ASICs. 2. **Embedded Systems:** Industrial PCs where vertical space is limited (15mm height). 3. **Power Electronics:** Large MOSFET or IGBT arrays that require centralized cooling.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the 'maxiFLOW' fin design compared to standard straight fins?
    • ⤷ Can the pushPIN mounting system be adjusted for different PCB thicknesses?
    • ⤷ How does the 'Blue Anodized' finish impact the thermal performance of this heat sink?